Part Number Hot Search : 
XU1000 SI1128 2N5018 BFG197 RB520 2SB493 80050 NCP707
Product Description
Full Text Search
 

To Download MBRF1630CT-MBRF16150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1630CT thru MBRF16150CT
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 16.0 Amperes ITO-220AB
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.406(10.3) .386(9.8)
classification 94V-0
For use in low voltage,high frequency inverters,free
.610(15.5) .571(14.5) .157(4.0) .142(3.6)
wheeling,and polarity protection applications
MECHANICAL DATA
Case: ITO-220AB molded plastic Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
.059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24)
.071(1.8) .055(1.4) .571(14.5) .531(13.5)
.114(2.9) .098(2.5)
.030(0.76) .020(0.51)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage (Note1) IF=8A @TJ=25 IF=8A @TJ=125 IF=16A @TJ=25 IF=16A @TJ=125 Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=125
SYMBOL VRRM VRMS VDC I(AV)
MBRF 1630CT 30 21 30
MBRF 1640CT 40 28 40
MBRF 1650CT 50 35 50
MBRF 1660CT 60 42 60 16.0
MBRF MBRF MBRF 1680CT 16100CT 16150CT 80 56 80 100 70 100 150 105 150
UNIT V V V A
IFSM 0.84 VF 0.57 0.72 IR CJ RJC TJ TSTG 0.3 10 400 0.75 0.65 -
150 0.85 0.75 0.95 0.85 0.1 5 200 3.0 -55 to +150 -55 to +175 1.05 0.92 -
A
V
mA pF /W
Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% duty cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case.
~ 262 ~
RATING AND CHARACTERTIC CURVES MBRF1630CT thru MBRF16150CT
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 16.0 AVERAGE FORWARD CURRENT AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 2 10 20 50 5 NUMBER OF CYCLES AT 60Hz 100
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
12.0
8.0
4.0
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD
0 25 50 75 100 125 150 175 CASE TEMPERATURE () FIG.3-TYPICAL REVER CHARACTERISTICS
FIG.4-TYPICAL FORWARD CHARACTERISTICS 100
1000 INSTANTANEOUS REVERSE CURRENT(mA)
MBRF1630CT - MBRF1660CT MBRF1680CT - MBRF16150CT
100
INSTANTANEOUS FORWARD CURRENT, (A)
MBRF1630CT MBRF1640CT
10
10
TJ=125
MBRF1650CTMBRF1660CT MBRF1680CT MBRF16100CT
1.0
1.0
MBRF16150CT
0.1
TJ=25
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000 MBRF1630CT MBRF1660CT
CAPACITANCE, (pF)
MBRF1680CT MBRF16150CT 100
TJ = 25C f = 1 MHz
10 0.1 1 4 10 REVERSE VOLTAGE ,VOLTS 100
~ 263 ~


▲Up To Search▲   

 
Price & Availability of MBRF1630CT-MBRF16150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X